Part Number Hot Search : 
L200CV EMZA350A OPR5013 MPS6507 TP200 C4137 300N0 25A00
Product Description
Full Text Search
 

To Download GS2GIF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 june 18,2013-rev.00 GS2GIF series features ? for surface mounted applications in order to optimize board space ? easy pick and place ? plastic package has underwriters laboratory flammability classification 94v-o ? low forward drop ? high temperature soldering : 260 o c/10 seconds at terminals ? glass passivated chip junction ? ultra thin profile package for space constrained utilization ? package suitable for automated handling ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: smaf molded plastic ? terminals: solder plated, solderable per mil-std-750,method 2026 ? polarity : color band denotes cathode end surface mount rectifier voltage 400~1000 volts 2 ampere current maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) 1 2 cathode anod e notes : 1.mounted on an fr4 pcb, single-sided copper, with 100cm 2 copper pad area. 2.mounted on an fr4 pcb, single-sided copper, mini pad. parameter symbol GS2GIF gs2jif gs2kif gs2mif units recurrent peak reverse voltage v rrm 400 600 800 1000 v rms voltage v rms 280 420 560 700 v dc blocking voltage v r 400 600 800 1000 v average forward current i f(av) 2a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a forward voltage at 2a v f 1.1 v dc reverse current at rated dc blocking voltage t j =25 o ci r 1 ? a typical junction capacitance v r =4v,1mh z c j 15 pf typical thermal resistance ,junction to lead (note 1) junction to ambient (note 2) r ? jl r ? ja 25 150 o c / w operating junction temperature and storage temperature range t j ,t stg -55 to +150 o c
page . 2 june 18,2013-rev.00 GS2GIF series 0 0. 5 1 1. 5 2 2. 5 0 25 50 75 100 125 150 t c , cas e t e m per atur e ( c) i f , f o r w ar d cur r ent ( a ) 0. 001 0. 01 0. 1 1 10 100 100 200 300 400 500 600 700 800 900 1000 i r , rever s e cur r ent ( a) rated peak rever s e voltage ( v ) t j = 2 5 c t j = 7 5 c t j = 125 c t j = 150 c fig.3 t y pical reverse characteristics fig.4 t y pical forw ard characteristics fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 11 0 1 0 0 c j , j unc tion capac itanc e ( pf ) v r , rever s e bias voltage ( v ) 0. 01 0. 1 1 10 0 .2 0 .4 0 .6 0 .8 1 1 .2 i f , f o r w ar d cur r ent ( a ) v f , f or w ar d voltage ( v ) t j = 1 5 0 c t j = 1 2 5 c t j = 2 5 c t j = 7 5 c
page . 3 june 18,2013-rev.00 GS2GIF series mounting pad layout order information ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel 0.232 (5.9) 0.106 (2.7) 0.063 (1.6) 0.075 (1.9)
page . 4 june 18,2013-rev.00 GS2GIF series part no_packing code_version GS2GIF_r1_00001 GS2GIF_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 june 18,2013-rev.00 GS2GIF series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of GS2GIF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X